Part Number Hot Search : 
WM8950 100BG H3545 74VHCT 020141MB WM8950 BZX55C1 MB89935B
Product Description
Full Text Search
 

To Download MJD31C-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mjd31c document number: ds31625 rev. 6 - 2 1 of 7 www.diodes.com march 2014 ? diodes incorporated mjd31c 100v npn high voltage transistor in to252 features ? bv ceo > 100v ? i c = 3a high continuous collector current ? i cm = 5a peak pulse current ? ideal for power switching or amplification applications ? complementary pnp type: mjd32c ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: to252 (dpak) ? case material: molded plastic, "green" molding compound ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte tin plated leads, solderable per mil-std-202, method 208 ? weight: 0.34 grams (approximate) ordering information (note 4) product compliance marking reel size (inches) tape width (mm) quantity per reel mjd31c-13 aec-q101 mjd31c 13 16 2,500 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen and antimony free,"green" and lead-free. 3. halogen and antimony free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our websit e at http://www.diodes.com /products/packages.html marking information top view device schematic pin out configuration top view mjd31c = product type marking code = manufacturers? code marking yyww = date code marking yy = last digit of year (ex: 10 = 2010) ww = week code (01 ? 53) to252 (dpak) c e b
mjd31c document number: ds31625 rev. 6 - 2 2 of 7 www.diodes.com march 2014 ? diodes incorporated mjd31c absolute maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 100 v emitter-base voltage v ebo 6 v continuous collector current i c 3 a peak pulse collector current i cm 5 a continuous base current i b 1 a thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 5) p d 3.9 w (note 6) 2.1 (note 7) 1.6 (note 8) 15 thermal resistance, junction to ambient air (note 5) r ja 32 ? c/w ? (note 6) 59 (note 7) 80 thermal resistance, junction to leads (note 8) r jl 8.4 operating and storage temperature range t j , t stg -55 to +150 ? c esd ratings (note 9) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 4,000 v 3a electrostatic discharge - machine model esd mm 400 v c notes: 5. for a device mounted with the exposed collector pad on 50mm x 50mm 2oz copper that is on a single-sided 1.6mm fr4 pc b; device is measured under still air conditions whilst operating in a steady-state. 6. same as note (5), except mounted on 25mm x 25mm 1oz copper. 7. same as note (5), except mounted on minimum recommended pad (mrp) layout. 8. thermal resistance from junction to solder-point (on the exposed collector pad). 9. refer to jedec specification jesd22-a114 and jesd22-a115.
mjd31c document number: ds31625 rev. 6 - 2 3 of 7 www.diodes.com march 2014 ? diodes incorporated mjd31c thermal characteristics 100m 1 10 100 10m 100m 1 10 single pulse t amb =25c v ce(sat) limited 100s 1ms 10ms 100ms 1s dc safe operating area i c collector current (a) v ce collector-emitter voltage (v) 0.1 1 10 100 0.01 0.1 1 10 single pulse t case =25c 1ms 10ms 100ms v ce(sat) limited 100 ? s dc safe operating area v ce collector-emitter voltage (v) i c collector current (a) 100 1m 10m 100m 1 10 100 1k 0 20 40 60 80 t amb =25c minimum copper transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 0 2 4 6 8 d=0.5 d=0.2 d=0.1 d=0.05 single pulse t case =25c transient thermal impedance pulse width (s) thermal resistance (c/w)
mjd31c document number: ds31625 rev. 6 - 2 4 of 7 www.diodes.com march 2014 ? diodes incorporated mjd31c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector-emitter breakdown voltage (note 10) bv ceo 100 ? ? v i c = 30ma, i b = 0 collector cut-off current i ceo ? ? 1 a v cb = 60v, i b = 0 collector cut-off current i ces ? ? 1 a v ce = 100v, v eb = 0 emitter cut-off current i ebo ? ? 1 a v eb = 5v, i c = 0 collector-emitter saturation voltage (note 10) v ce ( sat ) ? ?? 1.2 v i c = 3.0a, i b = 375ma base-emitter turn-on voltage (note 10) v be ( on ) ? ?? 1.8 v ? i c = 3a, v ce = 4v dc current gain (note 10) h fe 25 10 ? ? 50 ? v ce = 4v, i c = 1a v ce = 4v, i c = 3a current signal current gain h fe 20 ?? ?? ?? v ce = 10v, i c = 0.5a, f = 1khz current gain-bandwidth product f t 3.0 ?? ?? mhz i c = 500ma, v ce = 10v, f = 1mhz notes: 10. measured under pulsed conditions. pulse width ? 300 s. duty cycle ?? 2%. typical electrical characteristics (@t a = +25c, unless otherwise specified.) 1 10 100 1,000 10,000 i , collector current (ma) c figure 1 typical dc current gain vs. collector current 10 100 1,000 h, d c c u r r en t g ain fe t = 150c a t = 25c a t = -55c a t = 85c a v = 4v ce 1 10 100 1,000 10,000 i , collector current (ma) c figure 2 typical collector-emitter saturation voltage vs. collector current 0.01 0.1 1 v, c o lle c t o r -emi t t e r saturation ce(sat) voltage (v) i/i = 8 cb t = 85c a t = 25c a t = -55c a t = 150c a 1 10 100 1,000 10,000 i , collector current (ma) c figure 3 typical base-emitter turn-on voltage vs. collector current 0 0.2 0.4 0.6 0.8 1.0 v , base-emi t t e r t u r n- o n v o l t a g e (v) be(on) 1. 2 t = 150c a t = 25c a t = -55c a t = 85c a v = 4v ce 1 10 100 1,000 10,000 i , collector current (ma) c figure 4 typical base-emitter saturation voltage vs. collector current 0.2 0.4 0.6 0.8 1.0 1.2 v , base-emi t t e r sa t u r a t i o n v o l t a g e (v) be(sat) 0 t = 150c a t = 25c a t = -55c a t = 85c a i = 8 cb /i
mjd31c document number: ds31625 rev. 6 - 2 5 of 7 www.diodes.com march 2014 ? diodes incorporated mjd31c 1 10 100 1,000 0.1 1 10 100 v , reverse voltage (v) r figure 5 typical capacitance characteristics c a p a c i t an c e (pf) c ibo c obo f = 1mhz
mjd31c document number: ds31625 rev. 6 - 2 6 of 7 www.diodes.com march 2014 ? diodes incorporated mjd31c package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. note: for high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between device terminals and pcb tracking. to252 dim min max typ a 2.19 2.39 2.29 a1 0.00 0.13 0.08 a2 0.97 1.17 1.07 b 0.64 0.88 0.783 b2 0.76 1.14 0.95 b3 5.21 5.46 5.33 c2 0.45 0.58 0.531 d 6.00 6.20 6.10 d1 5.21 ? ? e ? ? 2.286 e 6.45 6.70 6.58 e1 4.32 ? ? h 9.40 10.41 9.91 l 1.40 1.78 1.59 l3 0.88 1.27 1.08 l4 0.64 1.02 0.83 a 0 10 ? all dimensions in mm dimensions value (in mm) c 4.572 x 1.060 x1 5.632 y 2.600 y1 5.700 y2 10.700 b 3 e l 3 d l 4 b 2 2 x b 3 x e c 2 a 7 1 h s e a t i n g p l a n e a 1 g a u g e p l a n e a 0 . 5 0 8 l 2 . 7 4 r e f d 1 a 2 e 1 x 1 x y 2 y 1 y c
mjd31c document number: ds31625 rev. 6 - 2 7 of 7 www.diodes.com march 2014 ? diodes incorporated mjd31c important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of MJD31C-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X